|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
product data sheet part number: C6036A date: 10/25/2007 revision level: 1 6sp 22 solid tc pvc/pvc computer cable a. construction diameters b. industry approvals c. electrical properties conductor: insulation: jacket: print legend: cable: pairing #22 awg solid tinned copper 0.015 wall polyvinyl chloride 0.032 wall polyvinyl chloride - gray 0.026 nom. carol(r) 22 awg C C6036A C 75c e111240-8 mp/cm(ul)c (ul) or 80c awm style 2464 300v --- csa ll69381 cmg C made in usa (date code) 6p @ 6 lhl with clear mylar wrap, al / pe tape 0.33 3 nom. 0.056 nom. 0.397" +/- 0.02" 2 conductors @ 1.50 lhl #22 awg solid tc dw over each pair. 0.121 nom. temperature: suggested working voltage (vrms): conductor d.c. resistance: mutual capacitance: characteristic impedance: shield resistance: ground capacitance: 80c 300v 16.5 ohms/1000 ft nom 38.56 pf/ft @ 1khz nom 55.9 ohms @ 1mhz nom 11.3 ohms/1000 ft nom 69.41 pf/ft @ 1khz nom national electric code article 800 ul standard 444 type mp/cm(ul)c(ul) ul standard 758 awm style 2464 csa international type cmg 1 2 3 4 5 6 black & red black & white black & green black & blue black & yellow black & brown d. color code (listed as individual conductors or pairs of conduc tors) note: data are subject to change without notice. contact your customer service representative for la test information.
|
Price & Availability of C6036A |